PART |
Description |
Maker |
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
LC66406A LC66665308A |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
|
Sanyo Semicon Device http://
|
LC87F40C8A |
Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704×10-bit CRT Display RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC872G08A LC872G04A LC872G06A LC872G08A10 |
8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1189 |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC875J72B LC875J80B |
ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC877424A LC877432A |
8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
|
Sanyo Electric Co.,Ltd.
|
LC88FC3J0A |
16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
|
ON Semiconductor
|
LC573202A |
4-Bit Microcontroller with 2K-Byte ROM, 64 × 4Bits RAM and LCD Driver 4-Bit Microcontroller with 2K-Byte ROM, 64 】 4Bits RAM and LCD Driver CMOS IC 4-Bit Microcontroller with 2K-Byte ROM, 64 4Bits RAM and LCD Driver 4-Bit Microcontroller with 2K-Byte ROM / 64 4Bits RAM and LCD Driver
|
SANYO[Sanyo Semicon Device]
|
SLE66C80S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 8-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 8KB EEPROM))
|
SIEMENS AG
|
ST10 ST10C167 ST10C167-Q6XX ST10C167-Q3_XX ST10C16 |
16-BIT MCU WITH 32K BYTE ROM
|
STMICROELECTRONICS[STMicroelectronics]
|